Part Number Hot Search : 
SR6030C BYS12 IRFPC40R KAQV216A BCM4311 RD100S WTD8A60 CDLL1A50
Product Description
Full Text Search
 

To Download SX100U-12S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SX100U &150U
100 & 150 W att, 120 VAC Input Fully Enclosed Switching Power Supply
ELECTRICAL SPECIFICATIONS
All specifications are typical at nominal input, full load
INPUT SPECIFICATIONS
Input Voltage.................................................. 85-132 VAC Input Frequency............................................. 50/60 Hz (47-63 Hz) Input Current.................................................. 2.3A / 3.5A (typ) Inrush Current............................................... 14A /15A (typ)
OUTPUT SPECIFICATIONS
Output Voltage............................................... See chart Output Adjustment......................................... 10% Efficiency........................................................ 82 - 87% Over-Voltage Protection................................. Shutdown 112-150% Output Over-Current Protection................................ Over 105% (Automatic Recovery) Ripple and Noise........................................... 100-200 mVp-p Hold-Up Time................................................. 20 ms Line/Load Regulation..................................... See Chart Rise Time....................................................... 300 ms max.
(at 25C nominal output/input)
FEATURES
REMOTE SENSE OVERVOLTAGE PROTECTION OVERCURRENT PROTECTION HIGHLY RELIABLE CONVECTION COOLED ON/OFF LED LIGHT ADJUSTABLE OUTPUTS 3 YEAR CONTINUOUS USE WARRANTY
Leakage Current............................................ 0.5 mA max.
GENERAL SPECIFICATIONS
MTBF.............................................................>165,000 Hours Isolation Voltage Primary to Secondary.....................AC 2000V Primary to Case..............................AC 1500V Secondary to Case.........................AC 500V Isolation Resistance...................................... Input-Output case 100 M-Ohms min.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature .............................. 0C ~ +60C Derates linearly 2.5%/C after 50C Cooling............................................ Convection Temperature Coefficient.................. 0.02%/C Humidity........................................... 20-85% RH (non-condensing) Storage Temperature....................... -20C ~ +85C Shock/Vibration............................... 20G (3 Directions)
SAFETIES / EMI
FCC-B CISPR-B VCCI-2
PHYSICAL SPECIFICATIONS
Metal Enclosed - Terminal Block
50
Series
MODEL SX100U-05S SX100U-12S SX100U-15S SX100U-24S OUTPUT VOLTAGE OUTPUT CURRENT EFFICIENCY (TYP) LINE REGULATION LOAD REGULATION 5 VDC 12 VDC 15 VDC 24 VDC 20.0 A 8.6 A 7.0 A 4.4 A 82% 85% 86% 87% 10 mV 10 mV 10 mV 20 mV 20 mV 20 mV 20 mV 30 mV RIPPLE NOISE 100 mVp-p 170 mVp-p 170 mVp-p 200 mVp-p
SX100U
LED 0.472 V. ADJ. (12) I/O TERMINAL M4 0.748 (19max) 6.299 (160 -1)
+S +V
3.661 (93-1)
3.465
(88) 3.248
(82.5)
2-No. 8-32UNC (MOUNTING HOLES) BOTTOM
1.654
1.457 (37) 4.526 (115 -0.5)
1.535 (39 -1) NOTE: *MOUNTING SCREWS NOT TO EXCEED MAX. PENETRATION OF 8mm. *REMOVE SHORT BAR BETWEEN (+5) AND (+V), (-S) AND (0) WHEN USE REMOTE SENSING. *TOLERANCE -1mm. *ALL DIMENSIONS IN INCH (mm)
(42)
0.984
(25)
0.709
INCH
0.394
(10)
5.590 (142 -0.5)
NOTE: All specifications typical and nominal / full load and 25C unless otherwise noted. Mounting screw lenght should not exceed 0.31 inches or 8 mm. Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
* No. 8-32 mounting holes standard * Dimensions in mm
51
(18)
0 -S
FG
L
N A/C IN
H N
2-No. 8-32UNC (MOUNTING HOLES
SX100
MODEL SX150U-05S SX150U-12S SX150U-15S SX150U-24S
OUTPUT VOLTAGE OUTPUT CURRENT EFFICIENCY (TYP) LINE REGULATION LOAD REGULATION 5 VDC 12 VDC 15 VDC 24 VDC 30.0 A 12.5 A 10.0 A 6.5 A 82% 85% 86% 87% 10 mV 15 mV 15 mV 20 mV 30 mV 45 mV 45 mV 60 mV
RIPPLE NOISE 100 mVp-p 170 mVp-p 170 mVp-p 200 mVp-p
SX150U
NOTE: All specifications typical and nominal / full load and 25C unless otherwise noted. Mounting screw lenght should not exceed 0.31 inches or 8 mm. Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
* No. 8-32 mounting holes standard * Dimensions in mm
52


▲Up To Search▲   

 
Price & Availability of SX100U-12S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X